|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 mor series 120 watt dc/dc c onverters 28 v olt i nput positive input input common output common positive output 100 ? 100 ? positive sense sense return + _ + _ secondary v cc v s+ share function v ref share trim secondary v cc inhibit 2 pwm controller sync in / out v in uvlo sync in sync out fet driver bias supply inhibit 1 1.7 ? 0.5 ? 1.3 ? 0.1 ? 3:2 6 f 0.1 ? 6 f 0.015 f 500 v 0.015 f 500 v 600 f 600 f f eatures ?5? to +125? operation 16 to 40 vdc input fully isolated magnetic feedback fixed frequency 550 khz typ. topology ?single ended forward will withstand transients of up to 50 v for up to 120 msec. output trim 60% to 110% input and output side inhibit remote sense synchronization parallel up to 5 units output short circuit protection up to 80 w/in 3 , 87% efficiency models vdc o utput description with up to 120 watts of output power, the mor series of dc/dc converters operates from a standard 28 volt bus and offers a wide input range of 16 to 40 vdc. full operation over the military temper- ature range, ?5? to +125?, makes the mor series an ideal choice for military, aerospace, space, and other high reliability appli- cations. in compliance with mil-std-704d, the converters will with- stand transients of up to 50 volts for up to 120 milliseconds. use interpoint s fme28-461 emi filter to pass mil-std-461c, ce03 requirements. the mor series converters incorporate a single-ended forward topology which uses a constant frequency pulse width modulator (pwm) current mode control design and switches at 550 khz, nominal. the converters also provide short circuit protection by restricting the current to 125% of the full load output current. all models offer two inhibits, one referenced to input common and one referenced to output common. a remote sense function is available on single output models. using the trim function, the mor series can provide any output from 2 to 33 vdc. for example, trimming the two 15 volt outputs of the 15 dual (mor2815d) to 14 volts, and then stacking the outputs will provide a 28 volt output. see figure 11. singles 3.3 5 6.3 9.5 12 15 duals ?.3 ? ?.3 ?.5 ? 2 ? 5 size (max): 3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm) case u2 case u2 (flanged, short leads) and case z (tabbed, leads bent down) are shown in the picture. also available: flanged ? leads bent down (case v); tabbed ?short leads (case y) and leads bent up (case w). see section b8, cases u2, v, w, y, and z for dimensions and options. weight: 110 grams typical screening: standard, es, or 883 (class h). see section c2 for screening options, see section a5 for ordering information. f igure 1: s implified s chematic ?mor2805s, s ingle 5 v olt o utput ?t ypical v alues
typical characteristics sync and inhibit (inh1, inh2) pins not in use recommended operating conditions absolute maximum ratings input voltage range 16 to 40 vdc continuous 50 v for 120 msec transient case operating temperature (tc) ?5? to +125? full power ?5? to +135? absolute derating output power/current linearly from 100% at 125? to 0% at 135 c 2 mor series 120 watt dc/dc c onverters input voltage 16 to 40 vdc power dissipation (pd) 30 w output power 66 to 120 watts depending on model lead soldering temperature (10 sec per lead) 300? storage temperature range (case) ?5? to +150? output voltage temperature coefficient 100 ppm/? typical input to output capacitance 150 pf typical undervoltage lockout 15.5 v input typical current limit 125% of full load typical isolation 100 megohm minimum at 500 v audio rejection 40 db typical conversion frequency free run mode 550 khz typical 460 khz. min, 570 khz max ?external sync range 525 to 625 khz inhibit pin voltage (unit enabled) ?inh1 = 13 v typ, inh2 = 8 v typ notes: see notes 1, 2, 3, and 4 on the following page. single output models mor283r3s mor2805s mor286r3s mor289r5s parameter condition min typ max min typ max min typ max min typ max units output voltage 3.25 3.30 3.35 4.95 5.00 5.05 6.24 6.30 6.36 9.40 9.50 9.60 vdc output current v in = 16 to 40 vdc 0 20 0 20 0 16 0 11 a output power v in = 16 to 40 vdc 0 66 0 100 0 100 0 105 w output ripple 10 khz - 20 mhz voltage tc = ?5? to +125? 30 80 30 80 75 100 75 120 mv p-p 10 khz - 2 mhz tc = ?5? to +125? 20 50 20 50 50 60 50 80 line regulation v in = 16 to 40 vdc 0 20 0 20 0 20 0 20 mv load regulation no load to full 0 20 0 20 0 20 0 20 mv input voltage continuous 16 28 40 16 28 40 16 28 40 16 28 40 vdc transient 120 ms 50 50 50 50 v input current no load 70 130 70 130 70 130 70 130 ma full load 3.2 4.67 4.45 4.63 a inhibited - inh1 10 10 10 10 ma inhibited - inh2 70 70 70 70 input ripple 10 khz - 20 mhz current tc = ?5? to +125? 40 90 50 130 50 100 50 130 ma pp efficiency 74 78 78 81 81 83 81 84 % load fault 1 power dissipation overload 27 30 30 30 w short circuit 2 22 27 24 24 recovery 10 10 10 10 ms output current trip point 25 25 20 14 a short circuit 2 24 24 19 13 step load resp. 50% ?100% ?50% transient 250 250 500 500 mv pk recovery 3 200 200 300 300 s step line resp. 16 ?40 ?16 vdc transient 4 400 400 500 500 mv pk recovery 3 300 300 300 300 s start-up delay 10 10 10 10 ms overshoot 0 25 0 50 0 50 0 50 mv pk inhibit pin current unit inhibited 0.1 1.0 0.1 1.0 0.1 1.0 0.1 1.0 ma sync in (525 to 625 khz) logic low 0.8 v max, duty cycle 15% to 50% logic high 4.5 v min, 9 v max referenced to input common sync out - referenced to input common inhibit (inh1, inh2) : ttl open collector logic low (output disabled), v = 0.2 v max. inh1 referenced to input common inh2 referenced to output common logic high (output enabled) open collector trim case inhibit (inh1, inh2) sync out sync in share sense lines no connection users discrimination no connection no connection connect to input common no connection must be connected to appropriate outputs electrical characteristics: 25? tc, 28 vdc vin, 100% load, free run, unless otherwise specified. 3 mor series 120 watt dc/dc c onverters single and dual output models mor2812s mor2815s mor283r3d mor2805d parameter conditions min typ max min typ max min typ max min typ max units output voltage 5 +v out 11.88 12.00 12.12 14.85 15.00 15.15 3.25 3.30 3.35 4.95 5.00 5.05 vdc ? out 3.22 3.30 3.38 4.92 5.00 5.08 output current v in = 16 to 40 vdc 0 9.2 0 8 10 20 6 ?1020 6 a output power v in = 16 to 40 vdc 110 120 66 6 100 6 w output ripple 10 khz - 20 mhz voltage tc = ?5? to +125? ? 75 120 75 150 50 80 50 80 mv p-p +v out , v out 10 khz - 2 mhz tc = ?5? to +125? 50 100 50 120 35 50 35 50 line regulation +v out 0 20 0 20 25 50 25 50 mv v in = 16 to 40 vdc v out 50 100 50 100 load regulation +v out 0 20 0 20 25 50 25 50 mv ? out 50 150 50 150 cross regulation 7 negative v out 610 5 8 % input voltage continuous 16 28 40 16 28 40 16 28 40 16 28 40 vdc transient 120 msec 50 50 50 50 v input current no load 70 130 70 130 70 140 70 140 ma full load 4.72 5.10 3.2 4.67 a inhibited - inh1 10 10 10 10 ma inhibited - inh2 70 70 70 70 input ripple 10 khz - 20 mhz current tc = ?5? to +125? 50 130 50 130 60 130 60 130 ma p-p efficiency 84 86 84 87 76 77 78 81 % load fault 1 power dissipation overload 30 30 27 30 w short circuit 2 22 22 22 27 recovery 10 10 10 10 ms output current trip point 12 10 25 25 a short circuit 2 11 9 24 24 step load resp. 50% ?100% ?50% +v out , v out transient 600 600 250 250 mv pk recovery 3 300 300 200 200 s step line resp. 16 ?40 ?16 vdc +v out , v out transient 4 600 600 400 400 mv pk recovery 3 300 300 300 300 s start-up delay 10 10 10 10 ms overshoot 50 50 25 50 mv pk inhibit pin current unit inhibited 0.1 1.0 0.1 1.0 0.1 1.0 0.1 1.0 ma notes: 1. load fault conditions are measured with a resistive load. 2. short circuit is measured with a 10 m w ( 10%) load. 3. time to settle to within 1% of vout. 4. transition time > 10 s 5. output voltage for dual output models is measured at half load. 6. the maximum specification is the total output current/power. up to 70% of that total is available from either output provided the other output maintains a minimum of 15% the total power used. 7. cross regulation percentages are for the following conditions: +po = 30% and ?o = 70% +po = 10% and ?o = 50% +po = 70% and ?o = 30% +po = 50% and ?o = 10% electrical characteristics: 25? tc, 28 vdc vin, 100% load, free run, unless otherwise specified. 4 mor series 120 watt dc/dc c onverters dual output models mor286r3d mor289r5d mor2812d mor2815d parameter conditions min typ max min typ max min typ max min typ max units output voltage 5 +v out 6.24 6.30 6.36 9.40 9.50 9.60 11.88 12.00 12.12 14.85 15.00 15.15 vdc ? out 6.20 6.30 6.40 9.35 9.50 9.65 11.80 12.00 12.20 14.76 15.00 15.24 output current 6 v in = 16 to 40 vdc 8 16 5.53 11.05 4.58 9.16 4.00 8.00 a 6 output power v in = 16 to 40 vdc 100 105 110 120 w output ripple 10 khz - 20 mhz voltage tc = ?5? to +125? ? 50 100 75 120 75 120 75 150 mv p-p +v out / ? out 10 khz - 2 mhz tc = ?5? to +125? 30 60 50 80 50 100 50 120 line regulation +v out 25 50 25 50 25 50 25 50 mv v in = 16 to 40 vdc ? out 50 160 50 100 50 100 50 100 load regulation +v out 25 50 25 50 25 50 25 50 mv ? out 50 200 50 200 50 200 50 200 cross regulation 7 negative v out 58 47 35 24 % input voltage continuous 16 28 40 16 28 40 16 28 40 16 28 40 vdc transient 120 msec 50 50 50 50 v input current no load 70 140 70 140 70 140 70 140 ma full load 4.45 4.63 4.72 5.10 a inhibited - inh1 10 10 10 10 ma inhibited - inh2 70 70 70 70 input ripple 10 khz - 20 mhz current tc = ?5? to +125? 130 130 130 130 ma p-p efficiency 81 83 82 84 84 86 85 87 % load fault 1 power dissipation overload 30 30 30 30 w short circuit 2 24 24 22 20 recovery 10 10 10 10 ms output current trip point 20 14 11 10 a short circuit 2 19 13 10 9 step load resp. 50% ?100% ?50% ? out transient 500 500 600 600 mv pk recovery 3 300 300 300 300 s step line resp. 16 ?40 ?16 vdc ? out transient 4 500 600 600 750 mv pk recovery 3 300 300 300 300 s start-up time 10 10 10 10 ms overshoot 50 50 50 50 mv pk inhibit pin current unit inhibited 0.1 1.0 0.1 1.0 0.1 1.0 0.1 1.0 ma electrical characteristics: tc = 25?, full load, vin = 28 vdc, free run, unless otherwise specified. notes: 1. load fault conditions are measured with a resistive load. 2. short circuit is measured with a 10 m w ( 10%) load. 3. time to settle to within 1% of vout. 4. transition time > 10 s 5. output voltage for dual output models is measured at half load. 6. the maximum specification is the total output current/power. up to 70% of that total is available from either output provided the other output maintains a minimum of 15% the total power used. 7. cross regulation percentages are for the following conditions: +po = 30% and ?o = 70% +po = 10% and ?o = 50% +po = 70% and ?o = 30% +po = 50% and ?o = 10% pin descriptions and functions p in o ut p ositive i nput and i nput c ommon steady state voltage range is 16 to 40 vdc. transient range is 40 to 50 v for a maximum of 120 msec. low voltage lockout prevents the units from operating below approximately 15.5 vdc input voltage to keep system current levels smooth, especially during initialization or re-start operations. all models include a soft-start function to prevent large current draw and minimize overshoot. c ase and e xternal i nput f ilters internal 500 v capacitors are connected between the case and input common and between the case and output common. see figure 1. interpoint s fme filters are recommended to meet ce03 require- ments for reflected input line current. when using an external input filter it is important that the case of the filter and the case of the converter be connected through as low as an impedance as possible. direct connection of the baseplates to chassis ground is the best connection. if connected by a single trace, the trace should be as wide as it is long. t rim both single and dual output models include a trim function. output voltage can be trimmed from 60% up to 110% of nominal v out . when trimming up, do not exceed the maximum output power. when trimming down, do not exceed the maximum output current. on dual models the positive output is regulated and the negative output is transformer coupled (cross-regulated) to the positive output. when trimming the duals, both output voltages will be adjusted equally. i nhibit 1 and 2 two inhibit terminals disable switching, resulting in no output and very low quiescent input current. the two inhibit pins allow access to an inhibit function on either side of the isolation barrier to help maintain isolation. an open collector is required for inter- facing with both of the inhibit pins. applying an open- collector ttl logic low to either inhibit pin will inhibit the converter. applying an open collector ttl logic high or leaving the pins open will enable the converter. inhibit 1 is referenced to input common, while inhibit 2 is referenced to sense return on the output side. the open circuit voltage for inhibit 1 is 13 v and for inhibit 2 it is 8 v. float the inhibit pin(s) if not used. the required logic low voltage level is 0.2 v maximum. pin single output dual output 1 positive input positive input 2 input common input common 3 trim case 4 inhibit 1(inh1) inhibit 1(inh1) 5 sync out sync out 6 sync in sync in 7 positive output positive output 8 output common output common 9 sense return negative output 10 positive sense trim 11 share share 12 inhibit 2 (inh2) inhibit 2 (inh2) 5 mor series 120 watt dc/dc c onverters 20 k 200 ? 10 k v cc positive input inhibit 1 input common mor input side 12 v f igure 5: i nhibit ?i nput s ide v s ~ ~ 10 k 200 ? current limit feedback voltage e/a inhibit 2 sense return mor output side f igure 6: i nhibit ?o utput s ide positive input 1 2 input common mor single or dual output 10, 11, 12 7, 8, 9 case* chassis ground positive input 1, 2, 3 4, 5, 6 28v input common fme28-461 emi filter positive output output common f igure 2: e xternal f ilter c onnection 3 trim r t 7 10 9 8 positive output positive sense sense return output common mor single output trim up trim down f igure 3: t rim ?s ingle 10 trim r t trim up trim down mor dual output 7 8 9 positive output output common negative output f igure 4: t rim ?d ual trim down: = , 0.6 1.0 v o v o nominal example: v o nominal = 5.0 , v o = 4.5 , = 0.9 , r t = 150 k ? r t (k ? ) = 50 30 1 trim up: = , 1.0 1.1 v o v o nominal example: v o nominal = 5.0 , v o = 5.25 , = 1.05 , r t = 390 k ? r t (k ? ) = ( 1 ) 20 ( -1) 2.5 v o 50 trim formulas 6 mor series 120 watt dc/dc c onverters s ync i n and s ync o ut the mor converters can be synchronized to the system clock by applying a ttl compat- ible sync signal to the sync in pin. sync out can be used to synchro- nize other components to the mor converter s switching frequency. the frequency range for external synchronization is 525 to 625 khz. the requirements for an external signal are 15% to 50% duty cycle, 0 l 0.8 v and 4.5 h 9 v. both sync in and sync out are referenced to input common. sync in should be grounded to input common if not used. p ositive s ense ,s ense r eturn a special remote sensing feature maintains the desired output voltage at the load. when this feature is not used, connect the sense lines to their respective output terminals. remote sensing is available on single output models only. see figure 12. do not exceed 110% of vout and maximum output power. s hare (p aralleling ) by using the share pin, up to five single or dual converters may be paralleled for a total output power of over 500 watts (90% pout / converter, max.). the converters will share within 10% of each other at 25 to 90% rated power. mor converters feature true n+1 redundancy for reliability in critical applications. see figure 9 for the proper connections. all positive outputs and positive senses should be connected to a common point. all negative outputs and sense returns should be connected to a common point. the share pin is referenced to sense return. leave the share pin floating (unconnected) if not used. p ositive o utput ,n egative o utput and o utput c ommon output current is limited to 125% of maximum specified current under short circuit or load fault conditions. single output models operate from no load to full load. dual output models with balanced loads operate from no load to full load. for dual models with unbalanced loads, at least 10% of the total output power must be drawn from the positive output at all times, however, the negative output does not require a minimum load. see note 7, cross regula- tion, under the electrical characteristics tables. dual outputs may be stacked to double the output voltage. t ypical c onnections + positive input 1 6 5 2 7 10 11 9 8 7 10 11 9 8 7 10 11 9 8 sync in sync out input common positive output positive sense share sense return output common positive output positive sense sense return output common positive output positive sense sense return output common share share load 28v positive input 1 6 5 2 sync in sync out input common positive input 1 6 5 2 sync in sync out input common f igure 10: p aralleling + load positive input 1 6 4 2 7 10 12 9 8 28v sync in inhbit 1 input common positive output positive sense inhibit 2 sense return output common mor single output + load positive input 1 6 4 2 7 12 8 9 28v sync in inhbit 1 input common positive output inhibit 2 output common negative output mor dual output load 0 f igure 12: c onnections + load positive input 1 7 8 9 input common positive output inhibit 2 output common negative output mor dual output 2 f igure 11: ? tacked ? utput ~ ~ ~ ~ sync in input common 5v v cc 330 pf 1.8 k 1 k 10 k 10 k ~ ~ sync out input common v cc 200 ? f igure 7: s ync i n f igure 8: s ync o ut share sense return 10 k 260 k f igure 9: s hare smd numbers pin out s tandard m icrocircuit d rawing (smd) 5962-9954401hxc 5962-9954801hxc 5962-9954501hxc 5962-9954601hxc 5962-9954901hxc 5962-9955001hxc 5962-9956401hxc 5962-9956101hxc 5962-9956501hxc 5962-9956601hxc 5962-9956201hxc 5962-9956301hxc mor s eries s imilar p art mor283r3s/883 mor2805s/883 mor286r3s/883 mor289r5s/883 mor2812s/883 mor2815s/883 mor283r3d/883 mor2805d/883 mor286r3d/883 mor289r5d/883 mor2812d/883 mor2815d/883 7 mor series 120 watt dc/dc c onverters typical performance curves: 25? tc , 28 vdc vin, 100% load, 20 mhz bw, free run, unless otherwise specified. f igure 17 f igure 19 16v 28v 40v 10.5 105 52.5 50 60 70 80 90 output power (watts) mor289r5s efficiency e fficie n cy (% ) 16v 28v 40v 12 120 60 50 60 70 80 90 output power (watts) mor2815s efficiency e fficie n cy (% ) 16v 28v 40v 6.6 66 33 50 60 70 80 90 output power (watts) mor283r3s efficiency e fficie n cy (% ) f igure 14 output power (watts) mor2805s efficiency e fficie n cy (% ) 16v 28v 40v 10 100 50 50 60 70 80 90 f igure 15 16v 28v 40v 11 110 55 50 60 70 80 90 output power (watts) mor2812s efficiency e fficie n cy (% ) f igure 18 f igure 16 16v 28v 40v 10 100 50 50 60 70 80 90 output power (watts) mor286r3s efficienc y e fficie n cy (% ) mor 28 05 s y / 883 base model input voltage output voltage screening number of outputs case/lead option (standard case u has no designator in this position) (s = single, d = dual) (r = decimal point, 3r3 = 3.3 vout) (standard screening has no designator in this position.) for exact specifications for an smd product, refer to the smd drawing. in the smd number the x in the hxc suffix corresponds to case u, case v=u, case w=t, case y=y, and case z=z. smds can be downloaded from: http://www.dscc.dla.mil/programs/smcr model numbering key pin single output dual output 1 positive input positive input 2 input common input common 3 trim case 4 inhibit 1 (inh1) inhibit 1 (inh1) 5 sync out sync out 6 sync in sync in 7 positive output positive output 8 output common output common 9 sense return negative output 10 positive sense trim 11 share share 12 inhibit 2 (inh2) inhibit 2 (inh2) 1 2 3 4 5 6 12 11 10 9 8 7 angled corner and cover marking indicate pin one for cases u and v. cover marking indicates pin one for cases w, y, and z. top view mor (pin side, marked side) f igure 13: p in o ut t op v iew outline shown is case u, pin out is the same for all cases. also available: flanged leads bent down (case v); tabbed leads bent up (case w), short leads (case y), and leads bent down (case z). see figures 55 through 60 for dimensions. 8 mor series 120 watt dc/dc c onverters f igure 28 0.1 1 10 100 0 100 20 40 60 80 attenuation (db) frequency (khz) mor2815d audio rejection negative output positive output f igure 26 0.1 1 10 100 0 100 20 40 60 80 attenuation (db) frequency (khz) mor2805s audio rejection f igure 27 0.1 1 10 100 0 100 20 40 60 80 attenuation (db) frequency (khz) mor2815s audio rejection f igure 29 f igure 30 f igure 31 mor2812d sync out 200 v/div 500 ns/div mor2805s output ripple (vout) 20 mv/div 1 s/div mor2805s input ripple current (iin) 20 ma/div 1 s/div 25 s/div 0 v representative of all models 80% load typical performance curves: 25? tc , 28 vdc vin, 100% load, 20 mhz bw, free run, unless otherwise specified. f igure 23 f igure 25 16v 28v 40v 10.5 105 52.5 50 60 70 80 90 output power (watts) mor289r5d efficiency e fficie n cy (% ) 16v 28v 40v 12 120 60 50 60 70 80 90 output power (watts) mor2815d efficiency e fficie n cy (% ) 16v 28v 40v 6.6 66 33 50 60 70 80 90 output power (watts) mor283r3d efficiency e fficie n cy (% ) f igure 20 16v 28v 40v 10 100 50 50 60 70 80 90 output power (watts) mor2805d efficiency e fficie n cy (% ) f igure 21 16v 28v 40v 11 110 55 50 60 70 80 90 output power (watts) mor2812d efficiency e fficie n cy (% ) f igure 24 f igure 22 16v 28v 40v 10 100 50 50 60 70 80 90 output power (watts) mor286r3d efficiency e fficie n cy (% ) 9 mor series 120 watt dc/dc c onverters f igure 38 f igure 39 f igure 40 f igure 41 f igure 42 f igure 43 mor2815s step load response 100 -50% step load 200 mv/div 100 s/div 50 - 100% step load mor2815s step line response 50 s/div vout vin vout vin vin 10 v/div vout 50 mv/div mor2815s turn on response 2.5 ms/div vin vout 20 v/div 5 v/div mor2805d output ripple (vout) 20 mv/div 1 s/div +vout vout mor2805d input ripple (iin) 20 ma/div 1 s/div 25 s/div mor2805d step load response 100 - 50% step load 50 mv/div 50 s/div 50% load +vout vout 18 to 40 v, 40 to 18 v, 50% load all combinations of line and load 80% load each output 80% load each output typical performance curves: 25? tc , 28 vdc vin, 100% load, 20 mhz bw, free run, unless otherwise specified. f igure 35 f igure 36 f igure 37 f igure 32 f igure 33 f igure 34 mor2805s step load response 100 -50% step load 100 mv/div 100 s/div mor2805s step line response 1 ms/div mor2805s turn on response 2.5 ms/div vout vin vin vout mor2805s inhibit release inrush current 5 ms/div 50 - 100% step load vout vin vin 10 v/div vout 50 mv/div 10 v/div 2 v/div iin vout 2 a/div 2 v/div mor2815s output ripple (vout) 20 mv/div 1 s/div mor2815s input ripple (iin) 20 ma/div 10 s/div 18 to 40 v, 40 to 18 v all combinations of line and load with and without 470 f cap. load 10 mor series 120 watt dc/dc c onverters f igure 50 f igure 51 f igure 52 f igure 53 f igure 54 mor2812d step load response 100 - 50% step load 100 mv/div 100 s/div 50% load +vout vout mor2812d step load response 50 - 100% step load 100 mv/div 100 s/div 50% load +vout vout mor2812d step line response 100 s/div +vout vin +vout vin vin 10 v/div vout 100 mv/div mor2812d turn on response 2.5 ms/div vin +vout 20 v/div 5 v/div vout mor2812d inhibit release inrush current 5 ms/div iin vout 2 a/div 5 v/div 18 to 40 v, 40 to 18 v typical performance curves: 25? tc , 28 vdc vin, 100% load, 20 mhz bw, free run, unless otherwise specified. vin f igure 44 f igure 45 f igure 46 f igure 47 f igure 48 f igure 49 mor2805d step load response 50 - 100% load 50 mv/div 50 s/div 50% load +vout vout mor2805d step line response 25 s/div vout vin +vout mor2805d step line response 25 s/div vout +vout mor2805d turn on response 2.5 ms/div vin +vout 20 v/div 2 v/div vout mor2812d output ripple (vout) 20 mv/div 1 s/div +vout vout mor2812d input ripple (iin) 20 ma/div 1 s/div 25 s/div vin 20 v/div vout 100 mv/div vin 20 v/div vout 100 mv/div 80% load each output 18 to 40 v, 80% load each output 40 to 18 v, 80% load each output 11 mor series 120 watt dc/dc c onverters materials header cold rolled steel/nickel/gold cover kovar/nickel pins #52 alloy/gold compression glass seal case dimensions in inches (mm) tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified caution heat from reflow or wave soldering may damage the device. solder pins individually with heat application not exceeding 300 c for 10 seconds per pin. angled corner indicates pin one. 1 2 3 4 5 6 12 11 10 9 8 7 0.000 0.050 (1.27) 0.000 0.120 (3.05) 0.250 (6.35) 0.450 (11.43) 0.650 (16.51) 0.850 (21.59) 1.050 (26.67) 1.250 (31.75) 1.380 (35.05) 1.505 (38.23) max. 0.000 0.120 (3.05) 0.250 (6.35) 2.750 (69.85) 2.880 (73.15) 3.005 (76.33) max. 0.128 dia (3.25). 0.040 dia (1.02) 0.23 (5.8) lead length 0.400 (10.16) max. 0.220 (5.59 seam seal top view case u f igure 55 12 mor series 120 watt dc/dc c onverters 0.000 0.220 (5.59) 0.050 (1.27) 0.400 (10.16) max 0.250 (6.35) .050 (1.27) 0.225 (5.72 3.45 (87.6) reference (lead center to lead center) 0.000 0.120 (3.05) 0.250 (6.35) 0.450 (11.43) 0.650 (16.51) 0.850 (21.59) 1.050 (26.67) 1.250 (31.75) 1.380 (35.05) 0.000 0.120 (3.05) 0.250 (6.35) 2.750 (69.85) 2.880 (73.15) 0.128 dia (3.25) 0.040 dia (1.02) pin-side view case v* flanged case, down leaded) *requires case option designator added to model number: mor2805s v 1 2 3 4 5 6 12 11 10 9 8 7 maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm) materials header cold rolled steel/nickel/gold cover kovar/nickel pins #52 alloy/gold compression glass seal case dimensions in inches (mm) tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified caution heat from reflow or wave soldering may damage the device. solder pins individually with heat application not exceeding 300 c for 10 seconds per pin. angled corner indicates pin one. f igure 56 13 mor series 120 watt dc/dc c onverters 1 2 3 4 5 6 12 11 10 9 8 7 0.040 dia (1.02) 0.250 (6.35) typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 2.125 (53.98) 0.375 (9.53) 0.140 dia (3.56) 0.000 1.750 (44.45) 0.000 0.250 (6.35) typ. 1.450 (36.83) 0.300 (7.62) 1.750 (44.45) 2.000 (50.80) pin-side view case w* (tabbed case, up-leaded) 0.000 0.220 (5.59) 0.050 (1.27) 0.400 (10.16) max. 0.000 0.220 (5.59) 0.400 (10.16) max. 0.84 0.05 (21.3 1.3) 0.84 0.05 (21.3 1.3) 0.150 (3.81) lead detail 2.80 (71.1) reference (lead center to lead center) *requires case option designator added to model number: mor2805s w materials header cold rolled steel/nickel/gold cover kovar/nickel pins #52 alloy/gold compression glass seal case dimensions in inches (mm) tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified caution heat from reflow or wave soldering may damage the device. solder pins individually with heat application not exceeding 300 c for 10 seconds per pin. f igure 57 14 mor series 120 watt dc/dc c onverters bathtub seam seal 0.250 (6.35) typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 2.125 (53.98) 0.375 (9.53) 0.140 dia (3.56) 0.000 1.750 (44.45) 0.000 0.250 (6.35) typ. 1.450 (36.83) 0.300 (7.62) 1.750 (44.45) 2.000 (50.80) 0.000 0.220 (5.59) 0.050 (1.27) 0.400 (10.16) max. pin-side view case y* (tabbed case, straight leads) 0.000 0.220 (5.59) 0.400 (10.16) max. 0.30 0.05 (7.6 1.3) lead detail pin length 0.30 0.05 (7.6 1.3) 3.10 (78.7) reference 0.040 dia (1.02) 1 2 3 4 5 6 12 11 10 9 8 7 materials header cold rolled steel/nickel/gold cover kovar/nickel pins #52 alloy/gold compression glass seal case dimensions in inches (mm) tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified caution heat from reflow or wave soldering may damage the device. solder pins individually with heat application not exceeding 300 c for 10 seconds per pin. *requires case option designator added to model number: mor2805s y f igure 58 15 mor series 120 watt dc/dc c onverters 0.250 (6.35) typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 2.125 (53.98) 0.375 (9.53) 0.140 dia (3.56) 0.000 1.750 (44.45) 0.000 0.250 (6.35) typ. 1.450 (36.83) 0.300 (7.62) 1.750 (44.45) 2.000 (50.80) pin-side view case z* (tabbed case, down-leaded) *requires case option designator added to model number: mor2805s z 0.000 0.220 (5.59) 0.050 (1.27) 0.400 (10.16) max. 0.000 0.220 (5.59) 0.400 (10.16) max. 0.36 0.05 (9.1 0.13) 0.150 (3.81) lead detail 2.80 (71.1) reference (lead center to lead center) 0.36 0.05 (9.1 0.13) 0.040 dia (1.02) 1 2 3 4 5 6 12 11 10 9 8 7 materials header cold rolled steel/nickel/gold cover kovar/nickel pins #52 alloy/gold compression glass seal case dimensions in inches (mm) tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified caution heat from reflow or wave soldering may damage the device. solder pins individually with heat application not exceeding 300 c for 10 seconds per pin. f igure 59 16 mor series 120 watt dc/dc c onverters test 125 c 125 c standard /es /883 (class h)* pre-cap inspection 25 c method 2017, 2032 yes yes yes temperature cycle (10 times) method 1010, cond. c, -65 c to 150 c no no yes method 1010, cond. b, -55 c to 125 c no yes no constant acceleration 25 c method 2001, 3000 g no no yes method 2001, 500 g no yes no burn-in method 1015, 160 hours at 125 c no no yes 96 hours at 125 c case (typical) no yes no final electrical test mil-prf-38534, group a subgroups 1 through 6: -55 c, +25 c, +125 c no no yes subgroups 1 and 4: +25 c case yes yes no hermeticity testing 25 c fine leak, method 1014, cond. a no yes yes gross leak, method 1014, cond. c no yes yes gross leak, dip (1 x 10 -3 ) yes no no final visual inspection 25 c method 2009 yes yes yes test methods are referenced to mil-std-883 as determined by mil-prf-38534. e nvironmental s creening 20420-001-dts revd. this revision supercedes all previous releases. all technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. interpoint reserves the right to make changes in products or specifications without notice. mor series is a trademark of interpoint. copyright ? 1999-2003 interpoint. all rights reserved. contact information: interpoint headquarters usa phone: 1-800-822-8782 +425-882-3100 email: power@intp.com www.interpoint.com interpoint uk phone: +44-1252-872266 email: poweruk@intp.com interpoint france phone: +33-134285455 email: powerfr@intp.com |
Price & Availability of 5962-9956101HTC |